Part Number Hot Search : 
01MP25 C4550 FDLL916A 5KE150 AOD60909 SF793100 LX5122 SFA84G
Product Description
Full Text Search
 

To Download LA100-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Current Transducer LA 100-P
For the electronic measurement of currents : DC, AC, pulsed..., with a galvanic isolation between the primary circuit (high power) and the secondary circuit (electronic circuit).
IPN
=
100 A
Electrical data
IPN IP RM Primary nominal r.m.s. current Primary current, measuring range Measuring resistance @ with 12 V with 15 V ISN KN VC IC Vd @ 100 A max @ 120 A max @ 100 A max @ 150 A max 100 0 .. 150 TA = 70C TA = 85C RM min RM max RM min RM max 0 0 0 0 50 22 110 33 0 0 20 20 42 14 102 25 A A
Features
*Closed loop (compensated) current
transducer using the Hall effect

*Printed circuit board mounting *Insulated plastic case recognized
according to UL 94-V0.
Secondary nominal r.m.s. current Conversion ratio Supply voltage ( 5 %) Current consumption R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
50 mA 1 : 2000 12 .. 15 V 10 (@ 15 V) + IS mA 2.5 kV
Advantages
*Excellent accuracy *Very good linearity *Low temperature drift *Optimized response time *Wide frequency bandwidth *No insertion losses *High immunity to external
interference
Accuracy - Dynamic performance data
X Accuracy @ IPN , TA = 25C
L
@ 15 V ( 5 %) @ 12 .. 15 V ( 5 %)
Linearity
0.45 0.70 < 0.15 Max 0.10 0.15 0.25 0.50
% % % mA mA mA mA ns s A/s kHz
*Current overload capability.
IO I OM IOT tra tr di/dt f
Typ Offset current @ IP = 0, TA = 25C Residual current 1) @ IP = 0, after an overload of 3 x IPN Thermal drift of IO - 25C .. + 85C 0.05 - 40C .. - 25C 0.10 Reaction time @ 10 % of IP max Response time 2) @ 90 % of IP max di/dt accurately followed Frequency bandwidth (- 1 dB)
Applications
*AC variable speed drives and servo
motor drives
< 500 <1 > 200 DC .. 200
*Static converters for DC motor drives *Battery supplied applications *Uninterruptible Power Supplies
(UPS)
*Switched Mode Power Supplies
(SMPS)
General data
TA TS RS m Ambient operating temperature Ambient storage temperature Secondary coil resistance @ Mass Standards - 40 .. + 85 - 50 .. + 95 120 128 18 EN 50178 C C g
*Power supplies for welding
applications.
TA = 70C TA = 85C
3)
Notes :
1) 2) 3)
The result of the coercive field of the magnetic circuit With a di/dt of 100 A/s A list of corresponding tests is available 980717/6
LEM Components
w w w .lem.com
Dimensions LA 100-P
Bottom view
(in mm. 1 mm = 0.0394 inch)
Left view
Secondary terminals swiss made
Terminal + : supply voltage + 12 .. 15 V Terminal - : supply voltage - 12 .. 15 V Terminal M : measure
Connection
Standard 00 or N SP ..
Year
Week
Front view Mechanical characteristics
*General tolerance *Primary through-hole *Fastening & connection of secondary
Recommended PCB hole 0.2 mm 12.7 x 7 mm 3 pins 0.63 x 0.56 mm 0.9 mm
Remarks
*IS is positive when IP flows in the direction of the arrow. *Temperature of the primary conductor should not exceed
100C.
*Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
*In order to achieve the best magnetic coupling, the primary
windings have to be wound over the top edge of the device.
*This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please contact us.
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.


▲Up To Search▲   

 
Price & Availability of LA100-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X